Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 132Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 133Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 134Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 135Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 136Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 137Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 138Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 136
Preliminary
 2009 Microchip Technology Inc.
12.3.4
PORTB FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTB pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input and some digital input functions are not
included in the list below. These input functions can
remain active when the pin is configured as an output.
Certain digital input functions, such as the EUSART RX
signal, override other port functions and are included in
the priority list.
RB0
1.
SEG0 (LCD)
2.
CCP4, 28-pin only
3.
RB0
RB1
1.
P1C (ECCP1), 28-pin only
2.
RB1
RB2
1.
P1B (ECCP1), 28-pin only
2.
RB2
RB3
1.
CCP2/P2A
2.
RB3
RB4
1.
COM0
2.
P1D, 28-pin only
3.
RB4
RB5
1.
COM1
2.
P2B, 28-pin only
3.
CCP3/P3A
4.
RB5
RB6
1.
ICSPCLK (Programming)
2.
ICDCLK (enabled by Configuration Word)
3.
SEG14 (LCD)
4.
RB6
RB7
1.
ICSPDAT (Programming)
2.
ICDDAT (enabled by Configuration Word)
3.
SEG13 (LCD)
4.
RB7
REGISTER 12-6:
PORTB: PORTB REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
RB<7:0>
: PORTB I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com