Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 163Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 164Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 165Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 166Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 167Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 168Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 169Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 170Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 167
PIC16F193X/LF193X
TABLE 15-3:
SUMMARY OF REGISTERS ASSOCIATED WITH ADC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
161
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
162
ADRESH
A/D Result Register High
163
ADRESL
A/D Result Register Low
163
ANSELA
—
—ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
133
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
137
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
147
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
231
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
99
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
100
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
103
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
132
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
137
TRISE
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
146
FVRCON
FVREN
FVRRDY
Reserved
Reserved
CDAFVR<1:0>
ADFVR<1:0>
154
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS<1:0>
—
DACNSS
172
DACCON1
—
—
—
DACR<4:0>
172
Legend:
x
= unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com