Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2863AF-06OR Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM3P2863AF-06OR
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2863AF-06OR Datasheet(HTML) 5 Page - ON Semiconductor

  ASM3P2863AF-06OR Datasheet HTML 1Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 2Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 3Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 4Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 5Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 6Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ASM3P2863A
Rev. 1 | Page 5 of 7 | www.onsemi.com
Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
12MHz
Frequency tolerance
±50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance (CP)
18pF
Shunt capacitance
7pF maximum
ESR
25
Ω
Note: CL is Load Capacitance and Rx is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Typical Crystal Interface Circuit
Typical Application Schematic
VSS
VDD
2.2µF
C2
ModOUT
ModOUT Clock
ASM3P2863A
0.1µF
Rs
C1
VDD
CL = 2*(CP – CS),
Where CP = Load capacitance of crystal from crystal vendor datasheet.
CS = Stray capacitance due to CIN, PCB, Trace, etc.
CL
Rx
CL
Crystal
R
XIN
XOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com