Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2863AF-06OR Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2863AF-06OR
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2863AF-06OR Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2863AF-06OR Datasheet HTML 1Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 2Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 3Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 4Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 5Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 6Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2863A
Rev. 1 | Page 4 of 7 | www.onsemi.com
AC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
12
MHz
ModOUT
Output frequency
12
MHz
fd
Frequency Deviation
±0.4
%
tLH
1
Output rise time (measured from 0.7V to 1.7V)
0.5
1.5
1.7
nS
tHL
1
Output fall time (measured from 1.7V to 0.7V)
0.5
1.0
1.2
nS
tJC
Jitter (Cycle-to-Cycle)
±200
±300
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.
DC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT output high current (@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 8mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 8mA)
2.5
V
IDD
Static supply current
1
1
mA
ICC
Dynamic supply current (3.3V, 12MHz and no load)
3.5
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
5
mS
ZOUT
Output impedance
45
Note: 1. XIN / CLKIN pin is pulled low.
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
12
MHz
ModOUT
Output frequency
12
MHz
fd
Frequency Deviation
±0.4
%
tLH
1
Output rise time (measured from 0.8 to 2.0V)
0.5
1.4
1.6
nS
tHL
1
Output fall time (measured at 2.0V to 0.8V)
0.4
1.0
1.2
nS
tJC
Jitter (Cycle-to-Cycle)
±200
±300
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com