Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2863AF-06OR Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASM3P2863AF-06OR
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2863AF-06OR Datasheet(HTML) 2 Page - ON Semiconductor

  ASM3P2863AF-06OR Datasheet HTML 1Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 2Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 3Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 4Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 5Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 6Page - ON Semiconductor ASM3P2863AF-06OR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASM3P2863A
Rev. 1 | Page 2 of 7 | www.onsemi.com
XIN / CLKIN
VDD
REFOUT
ModOUT
XOUT
1
2
3
4
5
6
ASM3P2863A
VSS
Pin Configuration (6L-TSOP Package)
Pin Description
Pin#
Pin Name
Type
Description
1
REFOUT
O
Buffered output of the input frequency.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions.
It can be connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com