Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C01-FMN3TP/S Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C01-FMN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FMN3TP/S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C01-FMN3TP/S Datasheet HTML 19Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 20Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 21Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 22Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 23Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 24Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 25Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 26Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
DC and AC parameters
Doc ID 5067 Rev 16
23/39
Table 15.
AC characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W, M24Cxx-R,
M24Cxx-F)
Test conditions specified in either Table 6, Table 7 or Table 8 and Table 13
Symbol
Alt.
Parameter
Min.(1)
1.
All values are referred to VIL(max) and VIH(min).
Max.(1)
Unit
fC
fSCL
Clock frequency
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
ns
tCLCH
tLOW
Clock pulse width low
1300
ns
tQL1QL2
(2)
2.
Characterized only, not tested in production.
tF
SDA (out) fall time
20(3)
3.
With CL = 10 pF.
120
ns
tXH1XH2
tR
Input signal rise time
(4)
4.
There is no min. or max. values for the input signal rise and fall times. It is however recommended by the
I²C specification that the input signal rise and fall times be more than 20 ns and less than 300 ns when
fC < 400 kHz.
(4)
ns
tXL1XL2
tF
Input signal fall time
(4)
(4)
ns
tDXCX
tSU:DAT Data in set up time
100
ns
tCLDX
tHD:DAT Data in hold time
0
ns
tCLQX
tDH
Data out hold time
100
ns
tCLQV
(5)(6)
5.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
6.
tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3VCC or
0.7VCC, assuming that Rbus × Cbus time constant is within the values specified in Figure 5.
tAA
Clock low to next data valid (access time)
200
900
ns
tCHDL
tSU:STA Start condition setup time
600
ns
tDLCL
tHD:STA Start condition hold time
600
ns
tCHDH
tSU:STO Stop condition set up time
600
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
1300
ns
tW
tWR
Write time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com