Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C01-FMN3TP/S Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24C01-FMN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FMN3TP/S Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24C01-FMN3TP/S Datasheet HTML 31Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 32Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 33Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 34Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 35Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 36Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 37Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 38Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision history
M24C16, M24C08, M24C04, M24C02, M24C01
38/39
Doc ID 5067 Rev 16
01-Apr-2010
15
Updated Figure 15: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat
package no lead 2 x 3 mm, outline and Table 21 on page 29.
Updated Table 13: AC measurement conditions.
Updated Table 25 to Table 27.
29-Apr-2010
16
Deleted TSSOP8 3x3 mm package from cover page.
Deleted Figure and Table relating to TSSOP8 3x3 mm package
information.
Deleted line and note in Table 24: Ordering information scheme concerning
TSSOP8 3x3 mm package.
In Table 26: Available M24C08 products (package, voltage range,
temperature grade) updated UFDFPN8 (MC) package for M24C08-F range
to 5 and deleted line concerning TSSOP8 3x3 mm package.
In Table 27: Available M24C04 products (package, voltage range,
temperature grade) updated UFDFPN8 (MC) package for M24C08-F range
to 5.
In Table 28: Available M24C02 products (package, voltage range,
temperature grade) updated UFDRPN8 options to MB or MC.
Table 30.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com