Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C01-FMN3TP/S Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C01-FMN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FMN3TP/S Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C01-FMN3TP/S Datasheet HTML 22Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 23Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 24Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 25Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 26Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 27Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 28Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 29Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Package mechanical data
M24C16, M24C08, M24C04, M24C02, M24C01
26/39
Doc ID 5067 Rev 16
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13.
WLCSP (0.5 mm) and Thin WLCSP (0.3 mm) 0.4 mm pitch 5 bumps,
package outline
1.
Drawing is not to scale.
Table 17.
M24C08: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.495
0.595
0.0215
0.0195
0.0234
A1
0.19
0.165
0.215
0.0075
0.0065
0.0085
A2
0.355
0.33
0.38
0.014
0.013
0.015
b
0.27
0.24
0.3
0.0106
0.0094
0.0118
D
1.215
1.195
1.235
0.0478
0.047
0.0486
E
1.025
1.005
1.045
0.0404
0.0396
0.0411
e
0.4
0.0157
e1
0.693
0.0273
e2
0.346
0.0136
F
0.313
0.0123
G
0.261
0.0103
N(2)
2.
N is the total number of terminals.
55
Orientation reference
E
A
B
C
D
e1
e2
e
F
G
A
A2
A1
SEATING PLANE
12
3
1Ca_ME
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com