Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 208 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 207Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 208Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
130
Freescale Semiconductor
11.1.1
A7S Nexus3 Overview
This specification defines the auxiliary pin functions, transfer protocols and standard development features
of a Class 3 device in compliance with the IEEE-ISTO Nexus 5001 standard. The development features
supported are Program Trace, Data Trace, Watchpoint Messaging, Breakpoints, Ownership Trace and
Read/Write Access via the JTAG interface. The A7S Nexus3 module also supports two Class 4 features:
Watchpoint Triggering, and processor overrun control.
11.1.2
Nexus Feature List
The A7S Nexus3 module is compliant with Class 3 of the IEEE-ISTO 5001 standard. The following
features are implemented:
•
Program Trace via Branch Trace Messaging (BTM). Branch trace messaging displays program
flow discontinuities (direct and indirect branches, exceptions, etc.), allowing the development tool
to interpolate what transpires between the discontinuities. Thus static code may be traced.
— Program Trace in ARM mode will use Branch/Predicate History Messaging due to the
conditional nature of 32-bit ARM instructions
— Program Trace in Thumb Mode can be programmed to use the Branch History Messaging
method, or use traditional Program Trace – Direct/Indirect Branch Messaging
•
Data Trace via Data Write Messaging (DWM) and Data Read Messaging (DRM). This provides
the capability for the development tool to trace reads and/or writes to (selected) internal memory
resources.
•
Ownership Trace via Ownership Trace Messaging (OTM). OTM facilitates ownership trace by
providing visibility of which process ID or operating system task is activated. An Ownership Trace
Message is transmitted when a new process/task is activated, allowing the development tool to
trace ownership flow.
•
Run-time access to the memory map via the JTAG port. This allows for enhanced download/upload
capabilities.
•
Watchpoint Messaging (WPM) via the auxiliary pins.
•
Breakpoint on instruction address.
•
Watchpoint Trigger enable of Program and/or Data Trace Messaging
•
Auxiliary interface for higher data input/output
— Configurable two (2) or eight (8) MDO (Message Data Out) pins
— One (1) or two (2) MSEO (Message Start/End Out) pins
— One (1) RDY (Read/Write Ready) pin
— One (1) EVTO (Watchpoint Event) pin
— One (1) EVTI (Event In) pin
— One (1) MCKO (Message Clock Out) pin
•
Registers for Program Trace, Ownership Trace, Watchpoint Trigger, and Read/Write Access.
•
Programmable processor stall function to mitigate message queue overrun risk.
•
All features controllable and configurable via the JTAG port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com