| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 976 page ![]() Modes of Operation MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 9 1.3 Modes of Operation This section describes the various functional modes of the MAC72xx devices. A functional mode is selected by asserting the MODA and MODB pins (PD1 and PD0, respectively) while the RESET pin is asserted. Because there is no way to determine when these values are latched inside the device, the MODA/MODB pins must be asserted the entire time that the RESET pin is asserted. External (weak) pull-ups and/or pull-downs may be used for this purpose. Table 1-3 shows the values of the MODA/MODB pins for each chip mode. Note that these encodings are only valid when the TEST pin is negated (tied low). Once a chip mode has been set, it may only be changed by any of the following: • Securing the flash, and resetting the device. In this case the mode changes from “XXX Unsecured Mode” to “XXX Secured Mode”. • Unsecuring the flash, and resetting the device. In this case the mode changes from “XXX Secured Mode” to “XXX Unsecured Mode”. • Changing the MODA/MODB pins and resetting the device. In this case the mode changes from “XXX Secured/Unsecured Mode” to “YYY Secured/Unsecured Mode”. Table 1-2. Typical System Access Summary Port Typical (cycles) Purpose Comments ARM7 Core Flash (Port M0=>S0)1 1. Port notations refer to Crossbar ports, and are explained in Chapter 15, “MAC7200 Crossbar Switch (AXBS)”. RD: 1.2 (per instr.) WR: N/A Instruction Fetch SRAM2 (Port M0=>S3)1 2. Assumes 0 programmed wait-states. RD: 1 WR: 1 Operand Read/Write External Bus (Port M0=>S1)1 RD: 2 WR: 2 Operand Read/Write Peripheral Bus Periphs (Port M0=>S2)1 RD: 3 WR: 4 Peripheral Config DMA Flash (Port M1=>S0)1 RD: 3 WR: 4 Program Flash SRAM2 (Port M1=>S3)1 RD: 1 WR: 1 Periph to/from SRAM External Bus (Port M1=>S1)1 RD: 2 WR: 2 Periph to/from Ext. Memory Peripheral Bus Periphs (Port M1=>S2)1 RD: 3 WR: 4 Periph to/from SRAM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |