| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 976 page ![]() MAC7200 Microcontroller Family Reference Manual, Rev. 2 x Freescale Semiconductor 9.18.2 “Normal” Boot with a Bootloader ...............................................................................124 Chapter 10 ARM7TDMI-S Core 10.1 Introduction......................................................................................................................127 10.2 ARM7 Features................................................................................................................127 10.3 ARM7 Implementation ....................................................................................................127 10.4 ARM7 External Pins ........................................................................................................128 10.5 ARM7 Bus Aborts ...........................................................................................................128 10.6 ARM7 Application Usage ...............................................................................................128 10.6.1 Register Bank Initialization .........................................................................................128 Chapter 11 A7S Nexus3 Module 11.1 Introduction......................................................................................................................129 11.1.1 A7S Nexus3 Overview ................................................................................................130 11.1.2 Nexus Feature List .......................................................................................................130 11.1.3 Modes of Operation .....................................................................................................131 11.1.3.1 Reset ........................................................................................................................131 11.1.3.2 Normal .....................................................................................................................131 11.1.3.3 Disabled ...................................................................................................................131 11.1.4 TCODEs supported......................................................................................................131 11.2 Nexus Protocol.................................................................................................................135 11.3 Nexus Implementation .....................................................................................................135 11.3.1 Nexus Port Replacement..............................................................................................136 11.3.2 TAP Controller Encodings...........................................................................................136 11.4 Nexus Integration.............................................................................................................137 11.4.1 Nexus Integration and SoC Security............................................................................138 11.4.2 Nexus Integration and FlexBus Port Sizing.................................................................138 11.4.3 Nexus Integration and Port Control .............................................................................138 11.5 Nexus External Pins.........................................................................................................139 11.5.1 MDO - Message Data (Output) ...................................................................................139 11.5.2 MSEO - Message Start/End (Active low output) ........................................................139 11.5.3 EVTI - Event In (Active low input).............................................................................139 11.5.4 EVTO - Event Out (Active low output).......................................................................139 11.5.5 RDY - DMA Ready (Active low output).....................................................................140 11.5.6 MCKO - Message Clock (Output)...............................................................................140 11.6 Nexus Bus Aborts ............................................................................................................140 11.7 Nexus Differences from MAC71xx.................................................................................140 11.8 Nexus Application Usage ................................................................................................140 11.8.1 Nexus Configuration....................................................................................................140 11.8.2 Programming the PCR Register...................................................................................141 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |