Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 976 page
background image
Oscillator Type Selection
MAC7200 Microcontroller Family Reference Manual, Rev. 2
20
Freescale Semiconductor
•
Relocate Flash to $2000 0000
— Shadow Block available at $20f0 0000
•
Relocate FlexBus to $0000 0000
•
Boot from FlexBus
2.4.6
Secured Expanded Mode
In Secured Expanded Mode, the MCU boots from an external source by accessing external memory and
hardware across the external Address and Data bus. In this mode the Flash main array and Shadow Block
are unavailable. Neither the Flash main array or the Shadow Block can be accessed, except for the accesses
necessary to unsecure the device.
•
EICE/Nexus/JTAG active
— Enable TCK, TDI, TDO and DBGEN
•
Disable Flash Main Array and Shadow Block access
•
Relocate FlexBus to $0000 0000
•
Boot from FlexBus
See Chapter 9, “Device Memory Map” for more detailed information on how each chip mode affects
relocation of system resources.
2.5
Oscillator Type Selection
At Reset the type of Oscillator can be selected using the XCLKS pin.
The oscillator mode (XCLKS) is latched only during a power-on reset and during a reset while a loss of
clock has occurred. It is not latched during a normal system reset. Please refer to Chapter 24, “Oscillator
(OSC)” for more information on configuring and using the oscillator.
2.6
Nexus Port Selection
If use of the Nexus Port is required for debugging, it may be connected to either the Nexus Primary Port
or the Nexus Secondary Port. The hardware configuration pins associated with the Nexus are:
Table 2-3. Oscillator Type Selection
Pin
Reset State Definition
XCLKS
(PD2)
This bit determines the mode of the oscillator as follows:
0 External Clock Mode
1ALC Mode
Please refer to Section 24.8.1, “OSC Mode Selection” for more details on the various oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com