Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 249 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 249 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 245Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 246Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 247Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 248Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 249Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
171
11.11.2.2.5
Program Correlation Messages
Program Correlation Messages (PCM) are used to correlate events to the program flow that may not be
associated with the instruction stream. In order to maintain accurate instruction tracing information when
entering debug mode, program trace is disabled or entering CPU low power mode a PCM is sent. It
includes the instruction count and branch history. Program Correlation is messaged out in the following
format:
11.11.2.2.6
BTM Overflow Error Messages
An Error Message occurs when a new message cannot be queued due to the message queue being full. The
FIFO will discard incoming messages until it has completely emptied the queue. Once emptied, an Error
Message will be queued. The error encoding will indicate which type(s) of messages attempted to be
queued while the FIFO was being emptied.
If only a Program Trace Message attempts to enter the queue while it is being emptied, the Error Message
will incorporate the Program Trace only error encoding (00001). If both OTM and Program Trace
Messages attempt to enter the queue, the Error Message will incorporate the OTM and Program Trace error
encoding (00111). If a Watchpoint also attempts to be queued while the FIFO is being emptied, then the
Error Message will incorporate error encoding (01000).
NOTE
The OVC bits within the DC Register can be set to delay the CPU by
asserting the FIFOFULL signal in order to alleviate (but not eliminate)
potential overruns.
Error information is messaged out in the following format:
11.11.2.2.7
Program Trace Synchronization Messages
A Program Trace Direct/Indirect Branch with Sync. or Indirect Branch History with Sync. Message is
messaged via the auxiliary port (provided Program Trace is enabled) for the following conditions (see
Table 11-39):
•
Initial Program Trace Message upon the first direct (traditional only) or indirect branch after exit
from system reset or whenever program trace is enabled.
•
Upon direct (traditional only) or indirect branch after returning from a Low Power state.
(1–32 bits)
(1–8 bits)
(4 bits)
(4 bits)
(6 bits)
HIST
I-CNT
ECODE
SRC
TCODE (100001)
Max length = 54 bits; Min length = 16 bits
Figure 11-30. Program Correlation Message Format
(5 bits)
(4 bits)
(6 bits)
ERROR (00001 / 00111 / 01000)
SRC
TCODE (001000)
Fixed length = 15 bits
Figure 11-31. Error Message Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com