Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
184
Freescale Semiconductor
11.11.4.5 Watchpoint Timing Diagram (2 MDO / 1 MSEO configuration)
Figure 11-48. Watchpoint Message & Watchpoint Error Message
11.11.5 Read/Write Access
The Read/Write access feature allows access to internal memory mapped resources via the JTAG port. The
Read/Write mechanism supports single as well as block reads and writes via an AHB system bus.
11.11.5.1 Functional Description
The Nexus3 module includes the capability of accessing resources on the AHB. All accesses are setup and
initiated by the Read/Write Access Control/Status Register (RWCS), as well as the Read/Write Access
Address (RWA) and Read/Write Access Data Registers (RWD).
11.11.5.2 Read/Write Access to Internal Nexus Registers
Access to Nexus register resources is enabled by loading a single instruction (“NEXUS-ACCESS”) into the
JTAG Instruction Register (IR). For the A7S Nexus3 block, the JTAG IR value is programmable at the
platform or SOC integration level. It can be programmed to any of the non-ARM7 implemented IR values
(see Table 11-35).
Once the JTAG “NEXUS-ACCESS” instruction has been loaded, the JTAG port allows communication
with all Nexus registers according to the map in Table 11-21.
Reading/writing of a Nexus register then requires two (2) passes through the Data-Scan (DR) path of the
JTAG state machine (see 11.12, “IEEE 1149.1 State Machine and RD/WR Sequences”).
1. The first pass through the DR selects the Nexus register to be accessed by providing an index (see
Table 11-21), and the direction (read/write). This is achieved by loading an 8-bit value into the
JTAG Data Register (DR). This register has the following format:
Table 11-44. JTAG Nexus3 Register Select
JTAG Instruction
JTAG Access Opcode
Read/Write
NEXUS-ACCESS
0xnn (hex) (programmable)
W
Watchpoint
Error
11
11
00
00
00
10
00
00
00
10
00
00
00
WPM:
TCODE = 15
source processor = 0000
watchpoint = 0010 (ARM 1)
Error:
TCODE = 8
source processor = 0000
error code = 6 (queue overrun, WPM only)
10
01
00
00
MCKO
MSEO_B
MDO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com