Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 280 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 280 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 276Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 277Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 278Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 279Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 280Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 281Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 282Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 283Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 284Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
202
Freescale Semiconductor
•
32 bytes of data registers, used as temporary storage to support burst transfers
Throughout this document, n is used to reference the channel number. Additionally, data sizes are defined
as byte (8-bit), halfword (16-bit), word (32-bit) and doubleword (64-bit).
12.2.2
Features
The DMA module supports the following features:
•
All data movement via dual-address transfers: read from source, write to destination
— Programmable source, destination addresses, transfer size, plus support for enhanced
addressing modes
•
Transfer control descriptor organized to support two-deep, nested transfer operations
—An inner data transfer loop defined by a “minor” byte transfer count
—An outer data transfer loop defined by a “major” iteration count
•
Channel service request via one of three methods:
— Explicit software initiation
— Initiation via a channel-to-channel linking mechanism for continuous transfers
— Independent channel linking at end of minor loop and/or major loop
— Peripheral-paced hardware requests (one per channel)
— For all three methods, one service request per execution of the minor loop is required
•
Support for fixed-priority and round-robin channel arbitration
•
Channel completion reported via optional interrupt requests
— One interrupt per channel, optionally asserted at completion of major iteration count
— Error terminations are optionally enabled per channel, and logically summed together to form
a small number of error interrupt outputs
•
Optional support for scatter/gather DMAprocessing
The structure of the transfer control descriptor is fundamental to the operation of the DMA module. It is
defined below in a ‘C‘ pseudo-code specification:
NOTE
To compile these structures, change any periods ’.’ in the variable name to
underscores ’_’.
typedef union {
struct {
/* citer.e_link = 1 */
unsigned short citer.linkch:6;
/* link channel number, */
unsigned short citer:9;
/* current (“major”) iteration count */
} minor_link_enabled;
/* channel link at end of the minor loop */
struct {
/* citer.e_link = 0 */
unsigned short citer:15;
/* current (“major”) iteration count */
} minor_link_disabled;
/* no linking at end of the minor loop */
} t_minor_link_citer;
typedef union {
struct {
/* biter.e_link = 1 */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com