Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P9S12XEP100J1VALR Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # P9S12XEP100J1VALR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VALR Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VALR Datasheet HTML 77Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 78Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 79Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 80Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
81
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Table 1-14. Interrupt Vector Locations (Sheet 1 of 4)
Vector Address(1)
XGATE
Channel
ID(2)
Interrupt Source
CCR
Mask
Local Enable
STOP
Wake up
WAIT
Wake up
Vector base + $F8
—
Unimplemented instruction trap
None
None
—
—
Vector base+ $F6
—
SWI
None
None
—
—
Vector base+ $F4
—
XIRQ
X Bit
None
Yes
Yes
Vector base+ $F2
—
IRQ
I bit
IRQCR (IRQEN)
Yes
Yes
Vector base+ $F0
$78
Real time interrupt
I bit
CRGINT (RTIE)
Refer to CRG
interrupt section
Vector base+ $EE
$77
Enhanced capture timer channel 0
I bit
TIE (C0I)
No
Yes
Vector base + $EC
$76
Enhanced capture timer channel 1
I bit
TIE (C1I)
No
Yes
Vector base+ $EA
$75
Enhanced capture timer channel 2
I bit
TIE (C2I)
No
Yes
Vector base+ $E8
$74
Enhanced capture timer channel 3
I bit
TIE (C3I)
No
Yes
Vector base+ $E6
$73
Enhanced capture timer channel 4
I bit
TIE (C4I)
No
Yes
Vector base+ $E4
$72
Enhanced capture timer channel 5
I bit
TIE (C5I)
No
Yes
Vector base + $E2
$71
Enhanced capture timer channel 6
I bit
TIE (C6I)
No
Yes
Vector base+ $E0
$70
Enhanced capture timer channel 7
I bit
TIE (C7I)
No
Yes
Vector base+ $DE
$6F
Enhanced capture timer overflow
I bit
TSRC2 (TOF)
No
Yes
Vector base+ $DC
$6E
Pulse accumulator A overflow
I bit
PACTL (PAOVI)
No
Yes
Vector base + $DA
$6D
Pulse accumulator input edge
I bit
PACTL (PAI)
No
Yes
Vector base + $D8
$6C
SPI0
I bit
SPI0CR1
(SPIE, SPTIE)
No
Yes
Vector base+ $D6
$6B
SCI0
I bit
SCI0CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $D4
$6A
SCI1
I bit
SCI1CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $D2
$69
ATD0
I bit
ATD0CTL2 (ASCIE)
Yes
Yes
Vector base + $D0
$68
ATD1
I bit
ATD1CTL2 (ASCIE)
Yes
Yes
Vector base + $CE
$67
Port J
I bit
PIEJ (PIEJ7-PIEJ0)
Yes
Yes
Vector base + $CC
$66
Port H
I bit
PIEH (PIEH7-PIEH0)
Yes
Yes
Vector base + $CA
$65
Modulus down counter underflow
I bit
MCCTL(MCZI)
No
Yes
Vector base + $C8
$64
Pulse accumulator B overflow
I bit
PBCTL(PBOVI)
No
Yes
Vector base + $C6
$63
CRG PLL lock
I bit
CRGINT(LOCKIE)
Refer to CRG
interrupt section
Vector base + $C4
$62
CRG self-clock mode
I bit
CRGINT (SCMIE)
Refer to CRG
interrupt section
Vector base + $C2
$61
SCI6
I bit
SCI6CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $C0
$60
IIC0 bus
I bit
IBCR0 (IBIE)
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com