Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P9S12XEP100J1VALR Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # P9S12XEP100J1VALR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VALR Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VALR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 86Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 87Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 89Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 90Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 91Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 92Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1324 page
background image
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
89
Chapter 2
Port Integration Module (S12XEPIMV1)
2.1
Introduction
2.1.1
Overview
The S12XE Family Port Integration Module establishes the interface between the peripheral modules
including the non-multiplexed External Bus Interface module (S12X_EBI) and the I/O pins for all ports.
It controls the electrical pin properties as well as the signal prioritization and multiplexing on shared pins.
This document covers:
•
Port A and B used as address output of the S12X_EBI
•
Port C and D used as data I/O of the S12X_EBI
•
Port E associated with the S12X_EBI control signals and the IRQ, XIRQ interrupt inputs
•
Port K associated with address output and control signals of the S12X_EBI
•
Port T associated with 1 ECT module
•
Port S associated with 2 SCI and 1 SPI modules
•
Port M associated with 4 MSCAN and 1 SCI module
•
Port P connected to the PWM and 2 SPI modules - inputs can be used as an external interrupt source
•
Port H associated with 4 SCI modules - inputs can be used as an external interrupt source
•
Port J associated with 1 MSCAN, 1 SCI, 2 IIC modules and chip select outputs - inputs can be used
as an external interrupt source
•
Port AD0 and AD1 associated with two 16-channel ATD modules
•
Port R associated with 1 standard timer (TIM) module
•
Port L associated with 4 SCI modules
Table 2-1. Revision History
Revision
Number
Revision Date
Sections
Affected
Description of Changes
V01.17
02 Apr 2008
• Corrected reduced drive strength to 1/5
• Separated PE1,0 bit descriptions from other PE GPIO
V01.18
25 Nov 2008
2.3.19/120
2.4.3.4/181
• Corrected alternative functions on Port K (ACC[2:0])
• Corrected functions on PE[5] (MODB) and PE[2] (WE)
V01.19
18 Dec 2009
• Added function independency to reduced drive and wired-or bit
descriptions
• Minor corrections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com