Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P9S12XEP100J1VALR Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # P9S12XEP100J1VALR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VALR Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VALR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 86Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 87Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 89Page - Freescale Semiconductor, Inc P9S12XEP100J1VALR Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
86
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.7
ADC0 Configuration
1.7.1
External Trigger Input Connection
The ADC module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG2, and ETRIG3. The
external trigger allows the user to synchronize ADC conversion to external trigger events. Table 1-17
shows the connection of the external trigger inputs.
Consult the ATD block description for information about the analog-to-digital converter module. ATD
block description refererences to freeze mode are equivalent to active BDM mode.
1.7.2
ADC0 Channel[17] Connection
Further to the 16 externally available channels, ADC0 features an extra channel[17] that is connected to
the internal temperature sensor at device level. To access this channel ADC0 must use the channel
encoding SC:CD:CC:CB:CA = 1:0:0:0:1 in ATDCTL5. For more temperature sensor information, please
refer to 1.10.1 Temperature Sensor Configuration
1.8
ADC1 External Trigger Input Connection
The ADC module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG2, and ETRIG3. The
external trigger feature allows the user to synchronize ADC conversion to external trigger events. Table 1-
18 shows the connection of the external trigger inputs.
Consult the ADC block description for information about the analog-to-digital converter module. ADC
block description refererences to freeze mode are equivalent to active BDM mode.
Table 1-17. ATD0 External Trigger Sources
External Trigger
Input
Connectivity
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger 0
ETRIG3
Periodic interrupt timer hardware trigger 1
Table 1-18. ATD1 External Trigger Sources
External Trigger
Input
Connectivity
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger 0
ETRIG3
Periodic interrupt timer hardware trigger 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com