Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9CS Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
Memory
Technical Data
MC68HC705P9 — Rev. 4.0
40
Memory
MOTOROLA
Figure 3-4. Bootloader Circuit
The logical states of the PC4/AN2 and PC3/AN3 pins select the
bootloader function, as Table 3-1 shows.
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
RST
CLK
D0
D1
D2
D3
D4
D5
D6
D7
CE
OE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
IRQ/VPP
OSC1
OSC2
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
RESET
MC68HC705P9
2764
VDD
PC5/AN1
PC6/AN0
PROGRAM
VERIFY
VDD
1
µF
PB7/SCK
PB6/SDI
10 k
Ω
S2
S3
VDD
VDD
10 k
Ω
S1
10 k
Ω
2 MHz
VPP
MC14040B
330
Ω
330
Ω
10 M
Ω
10 k
Ω
PB5
PD7
PC1
PC2
PC4
PC3
2
27
26
10
9
8
7
6
5
4
3
11
25
21
20
18
19
1
17
16
13
12
Table 3-1. Bootloader Function Selection
PC4/AN2
PC3/AN3
Function
1
1
Program and verify
10
Verify only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com