Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9CS Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 160 page
background image
Timer
Operation
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Timer
101
Figure 9-1. Timer Block Diagram
9.4 Operation
The timing reference for the input capture and output compare functions
is a 16-bit free-running counter. The counter is preceded by a divide-by-
four prescaler and rolls over every 218 cycles. Timer resolution with a 4-
MHz crystal is 2
µs. Software can read the value in the counter at any
time without affecting the counter sequence.
Because of the 16-bit timer architecture, the I/O registers for the input
capture and output compare functions are pairs of 8-bit registers.
TCAP
EDGE
SELECT/
16-BIT COMPARATOR
OCRH
OCRL
16-BIT COUNTER
TCMP
÷ 4
DETECT
LOGIC
PIN
CONTROL
LOGIC
TRH
TRL
ICRH
ICRL
ICIE
TOIE
OCIE
IEDG
OLVL
ICF
OCF
TOF
TIMER OVERFLOW
INTERNAL
CLOCK
(XTAL
÷ 2)
INTERNAL
DATA BUS
TIMER
INTERRUPT
REQUEST
ATRL
ATRH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com