Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9CS Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 160 page
background image
Electrical Specifications
Technical Data
MC68HC705P9 — Rev. 4.0
138
Electrical Specifications
MOTOROLA
12.2 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table here. Keep VIn and VOut within the range
VSS ≤ (VIn or VOut) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either VSS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 12.6 5.0-Volt DC Electrical Characteristics and
12.7 3.3-Volt DC Electrical Characteristics for guaranteed operating
conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Current Drain per Pin
(Excluding V
DD and VSS)
I25
mA
Input Voltage
VIn
VSS – 0.3 to VDD + 0.3
V
EPROM Programming Voltage
VPP
16.75
V
Storage Temperature Range
TSTG
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com