Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWF4243MLL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWF4243MLL
Description  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4243MLL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWF4243MLL Datasheet HTML 1Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 2Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 3Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 4Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions& Quantity/Ammo Box
GType ECWF(L) Rated voltage : 450 VDC
Part No.
Cap.
(µF)
ECWF2W223ML( )
ECWF2W243ML( )
ECWF2W273ML( )
ECWF2W303ML( )
ECWF2W333ML( )
ECWF2W363ML( )
ECWF2W393ML( )
ECWF2W433ML( )
ECWF2W473ML( )
ECWF2W513ML( )
ECWF2W563ML( )
ECWF2W623ML( )
ECWF2W683ML( )
ECWF2W753ML( )
ECWF2W823ML( )
ECWF2W913ML( )
ECWF2W104ML( )
ECWF2W114ML( )
ECWF2W124ML( )
ECWF2W134ML( )
ECWF2W154ML( )
ECWF2W164ML( )
ECWF2W184ML( )
ECWF2W204ML( )
ECWF2W224ML( )
ECWF2W244ML( )
ECWF2W274ML( )
ECWF2W304ML( )
ECWF2W334ML( )
ECWF2W364ML( )
ECWF2W394ML( )
ECWF2W434ML( )
ECWF2W474ML( )
ECWF2W514ML( )
ECWF2W564ML( )
ECWF2W624ML( )
ECWF2W684ML( )
ECWF2W754ML( )
ECWF2W824ML( )
ECWF2W914ML( )
ECWF2W105ML( )
ECWF2W115ML( )
ECWF2W125ML( )
ECWF2W135ML( )
ECWF2W155ML( )
ECWF2W165ML( )
ECWF2W185ML( )
ECWF2W205ML( )
ECWF2W225ML( )
ECWF2W245ML( )
0.022
0.024
0.027
0.030
0.033
0.036
0.039
0.043
0.047
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
Dimensions (mm)
Quantity
L max
T max
H max
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Ammo
7.5 mm
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
13.0
13.0
13.0
13.0
13.0
15.5
15.5
15.5
15.5
15.5
15.5
15.5
15.5
15.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
20.5
20.5
20.5
20.5
20.5
23.0
23.0
23.0
23.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
5.8
6.0
6.2
6.4
6.7
5.7
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.3
7.5
7.8
6.5
6.8
7.0
7.2
7.6
7.8
8.2
8.6
9.0
8.3
8.8
9.2
9.6
9.9
10.3
10.7
11.2
10.3
10.7
11.3
11.8
12.3
11.8
12.4
13.0
13.6
12.3
12.8
13.7
14.2
15.2
16.0
16.8
17.5
8.6
8.8
9.0
9.3
9.5
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.9
10.1
10.4
10.7
11.0
11.3
11.5
11.8
12.2
12.4
12.8
13.3
13.6
13.0
13.4
13.9
14.3
14.7
15.1
15.6
16.1
16.8
17.3
17.9
18.5
19.1
18.5
19.2
19.8
20.5
19.1
19.6
20.7
21.2
22.2
23.1
24.0
24.8
13.6
13.8
14.0
14.3
14.5
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.9
15.1
15.4
15.7
16.0
16.3
16.5
16.8
17.2
17.4
17.8
18.3
18.6
18.0
18.4
18.9
19.3
19.7
20.1
20.6
21.1
21.8
22.3
22.9
23.5
24.1
23.5
24.2
24.8
25.5
24.1
24.6
25.7
26.2
27.2
28.1
29.0
29.8
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
17.5
17.5
20.0
20.0
20.0
20.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1100
1000
900
1100
1000
900
800
500
400
300
200
300
200
─
Suffix for lead crimped
Capacitance tolerance code
LL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com