Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWF4243MLL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWF4243MLL
Description  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4243MLL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWF4243MLL Datasheet HTML 1Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 2Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 3Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 4Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
IPackaging Specification for Bulk Package
Packing quantity: 100 pcs./bag
ITaping Specifications for Automatic Insertion
GTaping style
GPackaging Specifications
Style
D
E
Lead Spacing
7.5 mm
7.5 mm
GLead Spacing
❈Refer to the page of taping specifications.
Type
Rated
volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
○
○
○
○
Packing
suffix
ECWF(L)
400 VDC
450 VDC
630 VDC
0.022 to 0.091
0.10 to 1.0
0.010 to 0.043
0.047 to 0.43
Ammo
Ammo
Ammo
Ammo
R() L
R() L
R() L
R() L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com