Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWF4243MLL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWF4243MLL
Description  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4243MLL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWF4243MLL Datasheet HTML 1Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 2Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 3Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 4Page - Panasonic Semiconductor ECWF4243MLL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
Type:
ECWF(L)
Designed for high frequency and current applications.
IFeatures
• Small size
• Excellent frequency characteristics
• Low loss
• 85 ˚C, 85 % RH, W.V.✕1.0 for 500 hours
• RoHS directive compliant
IRecommended Applications
• Lighting
• High frequency and high current circuits
(TVs, Monitors, Power Supplies, etc.)
IExplanation of Part Numbers
123456789
10
11
E
C
W
F
L
Products code
Dielectric &
construction
Rated
voltage
Cap. Tol.
Suffix
Suffix
Capacitance
G Explanation of Part Numbers for Odd Size Taping
E
C
W
F
R
L
Products code
Dielectric &
construction
Rated
voltage
Suffix
Cap. Tol.
Suffix
Capacitance
4
400 VDC
2W
450 VDC
6
630 VDC
H
±3 %
J
±5 %
ISpecifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
–40 ˚C to +105 ˚C (450 VDC, 1.1 uF or more –40 ˚C to +85 ˚C)
400 VDC, 450 VDC, 630 VDC
±3 %(H), ±5 %(J)
Between terminals : Rated voltage(VDC)
✕150 % 60 s
tan <
=0.05% (20˚C,1kHz)
tan <
=0.20% (20˚C,10kHz)
C<
=0.33 uF : IR>
=9000 MΩ
(20 ˚C, 100 VDC, 60 s for 400 VDC, 450 VDC)
C>0.33 uF : IR>
=3000 MΩ・uF (20 ˚C, 500 VDC, 60 s for 630 VDC)
400 VDC
450 VDC
630 VDC
0.022 uF to 2.4 uF
0.022 uF to 2.4 uF
0.010 uF to 1.3 uF
Insulation resistance (IR)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Suffix
Blank
B
Lead Form
Straight
Crimped lead


Similar Part No. - ECWF4243MLL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4243ML PANASONIC-ECWF4243ML Datasheet
326Kb / 10P
Metallized polyoropylene Film Capacitor
ECWF4243ML PANASONIC-ECWF4243ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4243ML PANASONIC-ECWF4243ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4243ML PANASONIC-ECWF4243ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4243MLB PANASONIC-ECWF4243MLB Datasheet
338Kb / 10P
Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4243MLL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com