Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2603 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2603
Description  2.8V PCS UPCONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2603 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2603 Datasheet HTML 1Page - RF Micro Devices RF2603 Datasheet HTML 2Page - RF Micro Devices RF2603 Datasheet HTML 3Page - RF Micro Devices RF2603 Datasheet HTML 4Page - RF Micro Devices RF2603 Datasheet HTML 5Page - RF Micro Devices RF2603 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-38
RF2603
Rev A2 010403
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.5
V
Enable Voltage
-0.5 to +5.5
V
LO Input Power
+3
dBm
Input IF Power
+3
dBm
Operating Temperature Range
-30 to +85
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=2.8V, RFOUT=1880MHz,
LO= 2076MHz@-5dBm,
IF = 196MHz@-25dBm
RF Output Frequency Range
1850 to 1910
MHz
Conversion Gain
14
17
dB
Noise Figure
11
dB
Single Sideband
Output P1dB
0
3
dBm
RF Output Third Order Intercept
11
dBm
IF Frequency
70
350
MHz
Recommended Operating Range
LO Input Level
-10
-3
0
dBm
Recommended Operating Range
LO Input VSWR
1.5:1
50
RF Output VSWR
1.5:1
Spurious
LO Feedthrough
-15
-10
dB
POUT=0dBm
Power Supply
Supply Voltage (VCC)2.7
2.8
2.9
V
Power Supply Current
30
40
mA
TX Enable Voltage On
VCC
V
TX Enable Voltage Off
0
V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com