Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2603 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2603
Description  2.8V PCS UPCONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2603 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2603 Datasheet HTML 1Page - RF Micro Devices RF2603 Datasheet HTML 2Page - RF Micro Devices RF2603 Datasheet HTML 3Page - RF Micro Devices RF2603 Datasheet HTML 4Page - RF Micro Devices RF2603 Datasheet HTML 5Page - RF Micro Devices RF2603 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-40
RF2603
Rev A2 010403
6
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
15 pF
15 pF
15 pF
TX ENABLE
7.5 pF
300
100 nH
T2
15 pF
4.7
µF
Transmission Lines
T1 and T2 Z
0 =73 Ω, θ = 29° @ 1.9 GHz
V
CC1
LO IN
RF OUT
V
CC2
V
CC3
IF IN
T1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C2
15 pF
VCC1
C1
15 pF
J1
LO IN
J2
RF OUT
T1*
C3
15 pF
VCC2
TX ENABLE
C5
7.5 pF
J3
IF IN
R1
300
L1
100 nH
T2*
C4
15 pF
C6
4.7
µF
VCC3
C8**
DNI
2603400-
*T1 and T2, 73
Ω, Electrical Length = 29° @ 1.9 GHz
**Denotes components which should not be populated on evaluation board.
GND
GND
GND
P1-2
VCC2
P1-4
TX ENABLE
P1-5
VCC3
P1-3
VCC1
P1
1
2
3
4
5
6
7
CON7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com