Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2603 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2603
Description  2.8V PCS UPCONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2603 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2603 Datasheet HTML 1Page - RF Micro Devices RF2603 Datasheet HTML 2Page - RF Micro Devices RF2603 Datasheet HTML 3Page - RF Micro Devices RF2603 Datasheet HTML 4Page - RF Micro Devices RF2603 Datasheet HTML 5Page - RF Micro Devices RF2603 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-39
RF2603
Rev A2 010403
6
Pin
Function
Description
Interface Schematic
1VCC
Supply Voltage pin. External bypassing is required. The trace length
between the pin and bypass capacitors should be minimized. The
ground side of the bypass capacitor should be connected immediately
to ground plane.
2NC
Not connected.
3NC
Not connected.
4GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
5LO IN
LO input pin. This pin is internally DC-biased and should be
DC-blocked if connected to a device with a DC level present. The input
impedance is 50
Ω.
6GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
7RF OUT
RF output pin. This pin is internally DC-biased and should be
DC-blocked if connected to a device with a DC level present. This pin
must be externally matched for 50
Ω output impedance.
8VCC
Supply Voltage pin. External bypassing is required. Either a length of
transmission line or external inductor is needed between this pin and
the bypass capacitor for tuning the output to 50
Ω.
9NC
Not connected.
10
NC
Not connected.
11
GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
12
VCC
Supply Voltage pin. External bypassing is required. Either a length of
transmission line or external inductor is needed between this pin and
the bypass capacitor for tuning the mixer.
13
GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
14
IF IN
IF input pin. This pin is internally DC-biased and should be DC-blocked
if connected to a device with a DC level present.
15
NC
Not connected.
16
TX ENABLE TX enable pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com