Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9105F Datasheet(PDF) 8 Page - Sames

Part # SA9105F
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105F Datasheet(HTML) 8 Page - Sames

Back Button SA9105F Datasheet HTML 4Page - Sames SA9105F Datasheet HTML 5Page - Sames SA9105F Datasheet HTML 6Page - Sames SA9105F Datasheet HTML 7Page - Sames SA9105F Datasheet HTML 8Page - Sames SA9105F Datasheet HTML 9Page - Sames SA9105F Datasheet HTML 10Page - Sames SA9105F Datasheet HTML 11Page - Sames SA9105F Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SA9105F
sames
8/12
C
7, C9, C10 and C11 are the outer loop capacitors for the integrated oversampling
A/D converters. The typical value of C
7 is 2.2nF and the value of C9, C10 and C11 is
560pF.
The actual values determine the signal to noise and stability performance. The tolerances
should be within ± 10%.
C
4, C5, C6 and C8 are the inner loop capacitors for the integrated oversampling A/D
converters. The typical value of C
4, C5, C6 and C8 is 3.3nF. Values smaller than 0.5nF
and larger than 5nF should be avoided.
Terminated current sensors (current transformers) are connected to the current sensor
inputs of the SA9105F through current setting resistors (R
8 ..R13).
The resistor values should be selected for an input current of 16
µA
RMS into the SA9105F,
at the rated line current.
The values of these resistors should be calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µARMS) * R18/2
Phase 2:
R
10 = R11 = (IL2/16µARMS) * R19/2
Phase 3:
R
12 = R13 = (IL3/16µARMS) * R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Current transformer termination resistors for the three phases.
R
1 + R1A, R4 and R15 set the current for the phase 1 voltage sense input.
R
2 + R2A, R5 +
P
5 and R16 set the current for phase 2 and R3 + R3A, R6 + P6 and R17 set the current for phase
3. The values should be selected so that the input currents into the voltage sense inputs
(virtual ground) are set to 14
µA
RMS for nominal line voltage. Capacitors C1, C2 and C3
are for decoupling and phase compensation.
R
14 + P14 defines all on-chip bias and reference currents. With R14+ P14 = 24kΩ, optimum
conditions are set. R
14 may be varied within ± 10% for calibration purposes. Any changes
to R
14 will affect the output quadratically (i.e:
∆R = +5%, ∆f = +10%).
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897 MHz on-chip, to supply the digital circuitry and the
A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com