Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9105F Datasheet(PDF) 1 Page - Sames

Part # SA9105F
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105F Datasheet(HTML) 1 Page - Sames

  SA9105F Datasheet HTML 1Page - Sames SA9105F Datasheet HTML 2Page - Sames SA9105F Datasheet HTML 3Page - Sames SA9105F Datasheet HTML 4Page - Sames SA9105F Datasheet HTML 5Page - Sames SA9105F Datasheet HTML 6Page - Sames SA9105F Datasheet HTML 7Page - Sames SA9105F Datasheet HTML 8Page - Sames SA9105F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION
The SAMES SA9105F
Three Phase
bidirectional Power/Energy metering
integrated circuit generates pulse rate
outputs for positive and negative energy
directions, the frequency of which is
proportional to the power consumption.
The SA9105F performs the calculation for
active power.
The method of calculation takes the power
factor into account.
Energy consumption is determined by the
power measurement being integrated over
time.
This innovative universal three phase power/
energy metering integrated circuit is ideally
suited for applications such as residential
and industrial energy metering and control.
The SA9105F integrated circuit is available
in 40 pin dual-in-line plastic (DIP-40), as
well as in 44 pin plastic leaded chip carrier
(PLCC-44) package types.
SA9105F
THREE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
Package: DIP-40
1/12
PIN CONNECTIONS
4366
PDS039-SA9105F-001
Rev. B
09-01-97
sames
FEATURES
n
Performs bidirectional one, two or three
phase power and energy measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Operates over a wide temperature
range
n
Uses current transformers for current
sensing
n
Excellent long term stability
n
Easily adaptable to different signal
levels
n
Precision voltage reference on-chip
n
Two pulse output formats available
n
Protected against ESD
DR-00946
11
IIP3
COPP
CONP
OSC2
OSC1
TP18
TP17
SS
CIPP
CINP
V
16
17
18
19
20
12
13
14
15
1
CIN1
CIP2
CIN2
CIN3
CIP3
IIN3
IIN1
IIP1
IIN2
IIP2
6
8
7
9
10
2
4
5
3
30
CON3
TP24
FOUT1
25
21
22
23
24
TP22
FOUT2
DIR
V
TP27
TP26
DD
29
28
27
26
VREF
CIP1
40
GND
35
IVP1
IVP2
33
34
32
31
COP3
IVP3
COP1
CON1
CON2
COP2
39
38
37
36


Similar Part No. - SA9105F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
SA9105 TITAN-SA9105 Datasheet
185Kb / 13P
Three-phase electron-electrIc circuit
logo
Sames
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105AFA SAMES-SA9105AFA Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105APA SAMES-SA9105APA Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9105F

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com