Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9105F Datasheet(PDF) 6 Page - Sames

Part # SA9105F
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105F Datasheet(HTML) 6 Page - Sames

Back Button SA9105F Datasheet HTML 2Page - Sames SA9105F Datasheet HTML 3Page - Sames SA9105F Datasheet HTML 4Page - Sames SA9105F Datasheet HTML 5Page - Sames SA9105F Datasheet HTML 6Page - Sames SA9105F Datasheet HTML 7Page - Sames SA9105F Datasheet HTML 8Page - Sames SA9105F Datasheet HTML 9Page - Sames SA9105F Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SA9105F
sames
6/12
2.
Analog Input Configuration
The current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes, in conjunction with the amplifiers input configuration.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog processing circuitry
3.
Electrostatic Discharge (ESD) Protection
The SA9105F integrated circuit's inputs/outputs are protected against ESD.
4.
Power Consumption
The overall power consumption rating of the SA9105F integrated circuit is less than
50mW with a 5V supply.
GND
DR-00949
VOLTAGE
SENSOR
INPUT
IVP
SS
V
IIN
CURRENT
SENSOR
INPUTS
IIP
DD
SS
V
V
DD
SS
V
V
V DD
A V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com