Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA256A3B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATXMEGA256A3B
Description  8/16-bit XMEGA A3B Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATXMEGA256A3B Datasheet HTML 9Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 10Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 11Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 12Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 13Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 14Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 15Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 16Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
13
8116H–AVR–08/10
XMEGA A3B
7.7
Flash and EEPROM Page Size
The Flash Program Memory and EEPROM data memory are organized in pages. The pages are
word accessible for the Flash and byte accessible for the EEPROM.
Table 7-2 on page 13 shows the Flash Program Memory organization. Flash write and erase
operations are performed on one page at a time, while reading the Flash is done one byte at a
time. For Flash access the Z-pointer (Z[m:n]) is used for addressing. The most significant bits in
the address (FPAGE) give the page number and the least significant address bits (FWORD)
give the word in the page.
Table 7-2.
Number of words and Pages in the Flash.
Table 7-3 on page 13 shows EEPROM memory organization for the XMEGA A3B devices.
EEPROM write and erase operations can be performed one page or one byte at a time, while
reading the EEPROM is done one byte at a time. For EEPROM access the NVM Address Regis-
ter (ADDR[m:n]) is used for addressing. The most significant bits in the address (E2PAGE) give
the page number and the least significant address bits (E2BYTE) give the byte in the page.
Table 7-3.
Number of Bytes and Pages in the EEPROM.
Devices
Flash Size
Page Size
FWORD
FPAGE
Application
Boot
(words)
Size
No of Pages
Size
No of Pages
ATxmega256A3B
256 KB + 8 KB
256
Z[8:1]
Z[18:9]
256 KB
512
8 KB
16
Devices
EEPROM
Page Size
E2BYTE
E2PAGE
No of Pages
Size
(Bytes)
ATxmega256A3B
4 KB
32
ADDR[4:0]
ADDR[11:5]
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com