Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA256A3B Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATXMEGA256A3B
Description  8/16-bit XMEGA A3B Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3B Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATXMEGA256A3B Datasheet HTML 35Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 36Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 37Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 38Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 39Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 40Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 41Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 42Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
39
8116H–AVR–08/10
XMEGA A3B
22. USART
22.1
Features
• Six Identical USART peripherals
• Full Duplex Operation (Independent Serial Receive and Transmit Registers)
• Asynchronous or Synchronous Operation
• Master or Slave Clocked Synchronous Operation
• High-resolution Arithmetic Baud Rate Generator
• Supports Serial Frames with 5, 6, 7, 8, or 9 Data Bits and 1 or 2 Stop Bits
• Odd or Even Parity Generation and Parity Check Supported by Hardware
• Data OverRun Detection
• Framing Error Detection
• Noise Filtering Includes False Start Bit Detection and Digital Low Pass Filter
• Three Separate Interrupts on TX Complete, TX Data Register Empty and RX Complete
• Multi-processor Communication Mode
• Double Speed Asynchronous Communication Mode
• Master SPI mode for SPI communication
• IrDA support through the IRCOM module
22.2
Overview
The Universal Synchronous and Asynchronous serial Receiver and Transmitter (USART) is a
highly flexible serial communication module. The USART supports full duplex communication,
and both asynchronous and clocked synchronous operation. The USART can also be set in
Master SPI mode to be used for SPI communication.
Communication is frame based, and the frame format can be customized to support a wide
range of standards. The USART is buffered in both direction, enabling continued data transmis-
sion without any delay between frames. There are separate interrupt vectors for receive and
transmit complete, enabling fully interrupt driven communication. Frame error and buffer over-
flow are detected in hardware and indicated with separate status flags. Even or odd parity
generation and parity check can also be enabled.
One USART can use the IRCOM module to support IrDA 1.4 physical compliant pulse modula-
tion and demodulation for baud rates up to 115.2 kbps.
PORTC and PORTD each has two USARTs, while PORTE and PORTF each has one USART.
Notation of these peripherals are USARTC0, USARTC1, USARTD0, USARTD1, USARTE0 and
USARTF0, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com