Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA256A3B Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATXMEGA256A3B
Description  8/16-bit XMEGA A3B Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3B Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATXMEGA256A3B Datasheet HTML 24Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 25Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 26Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 27Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 28Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 29Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 30Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 31Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
28
8116H–AVR–08/10
XMEGA A3B
15. I/O Ports
15.1
Features
• Selectable input and output configuration for each pin individually
• Flexible pin configuration through dedicated Pin Configuration Register
• Synchronous and/or asynchronous input sensing with port interrupts and events
– Sense both edges
– Sense rising edges
– Sense falling edges
– Sense low level
• Asynchronous wake-up from all input sensing configurations
• Two port interrupts with flexible pin masking
• Highly configurable output driver and pull settings:
–
Totem-pole
–
Pull-up/-down
–
Wired-AND
–
Wired-OR
–
Bus-keeper
–
Inverted I/O
• Optional Slew rate control
• Configuration of multiple pins in a single operation
• Read-Modify-Write (RMW) support
• Toggle/clear/set registers for Output and Direction registers
• Clock output on port pin
• Event Channel 0 output on port pin 7
• Mapping of port registers (virtual ports) into bit accessible I/O memory space
15.2
Overview
The XMEGA A3B devices have flexible General Purpose I/O Ports. A port consists of up to 8
pins, ranging from pin 0 to pin 7. The ports implement several functions, including synchro-
nous/asynchronous input sensing, pin change interrupts and configurable output settings. All
functions are individual per pin, but several pins may be configured in a single operation.
15.3
I/O configuration
All port pins (Pn) have programmable output configuration. In addition, all port pins have an
inverted I/O function. For an input, this means inverting the signal between the port pin and the
pin register. For an output, this means inverting the output signal between the port register and
the port pin. The inverted I/O function can be used also when the pin is used for alternate func-
tions. The port pins also have configurable slew rate limitation to reduce electromagnetic
emission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com