Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/SO Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F23K22-E/SO
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SO Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F23K22-E/SO Datasheet HTML 25Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 26Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 27Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 28Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 29Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 30Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 31Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 32Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 29
PIC18(L)F2X/4XK22
2.2
Oscillator Control
The OSCCON, OSCCON2 and OSCTUNE registers
(Register 2-1 to Register 2-3) control several aspects
of the device clock’s operation, both in full-power
operation and in power-managed modes.
• Main System Clock Selection (SCS)
• Primary Oscillator Circuit Shutdown (PRISD)
• Secondary Oscillator Enable (SOSCGO)
• Primary Clock Frequency 4x multiplier (PLLEN)
• Internal Frequency selection bits (IRCF, INTSRC)
• Clock Status bits (OSTS, HFIOFS, MFIOFS,
LFIOFS. SOSCRUN, PLLRDY)
• Power management selection (IDLEN)
2.2.1
MAIN SYSTEM CLOCK SELECTION
The System Clock Select bits, SCS<1:0>, select the
main clock source. The available clock sources are
• Primary clock defined by the FOSC<3:0> bits of
CONFIG1H. The primary clock can be the primary
oscillator, an external clock, or the internal
oscillator block.
• Secondary clock (secondary oscillator)
• Internal oscillator block (HFINTOSC, MFINTOSC
and LFINTOSC).
The clock source changes immediately after one or
more of the bits is written to, following a brief clock
transition interval. The SCS bits are cleared to select
the primary clock on all forms of Reset.
2.2.2
INTERNAL FREQUENCY
SELECTION
The
Internal
Oscillator
Frequency
Select
bits
(IRCF<2:0>) select the frequency output of the internal
oscillator block. The choices are the LFINTOSC source
(31.25 kHz), the MFINTOSC source (31.25 kHz,
250 kHz or 500 kHz) and the HFINTOSC source
(16 MHz) or one of the frequencies derived from the
HFINTOSC postscaler (31.25 kHz to 8 MHz). If the
internal oscillator block is supplying the main clock,
changing the states of these bits will have an immedi-
ate change on the internal oscillator’s output. On
device Resets, the output frequency of the internal
oscillator is set to the default frequency of 1 MHz.
2.2.3
LOW FREQUENCY SELECTION
When a nominal output frequency of 31.25 kHz is
selected (IRCF<2:0> = 000), users may choose
which internal oscillator acts as the source. This is
done with the INTSRC bit of the OSCTUNE register
and MFIOSEL bit of the OSCCON2 register. See
Figure 2-2 and Register 2-1 for specific 31.25 kHz
selection. This option allows users to select a
31.25 kHz clock (MFINTOSC or HFINTOSC) that can
be tuned using the TUN<5:0> bits in OSCTUNE
register, while maintaining power savings with a very
low clock speed. LFINTOSC always remains the
clock source for features such as the Watchdog Timer
and the Fail-Safe Clock Monitor, regardless of the
setting of INTSRC and MFIOSEL bits
This option allows users to select the tunable and more
precise HFINTOSC as a clock source, while
maintaining power savings with a very low clock speed.
2.2.4
POWER MANAGEMENT
The IDLEN bit of the OSCCON register determines
whether the device goes into Sleep mode or one of the
Idle modes when the SLEEP instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com