Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/SO Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F23K22-E/SO
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SO Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F23K22-E/SO Datasheet HTML 36Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 37Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 38Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 39Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 40Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 41Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 42Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 43Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 40
Preliminary
 2010 Microchip Technology Inc.
2.7
Effects of Power-Managed Modes
on the Various Clock Sources
For more information about the modes discussed in this
section see Section 3.0 “Power-Managed Modes”. A
quick reference list is also available in Table 3-1.
When PRI_IDLE mode is selected, the designated
primary oscillator continues to run without interruption.
For all other power-managed modes, the oscillator
using the OSC1 pin is disabled. The OSC1 pin (and
OSC2 pin, if used by the oscillator) will stop oscillating.
In
secondary
clock
modes
(SEC_RUN
and
SEC_IDLE), the secondary oscillator (SOSC) is
operating and providing the device clock. The
secondary oscillator may also run in all power-
managed modes if required to clock Timer1, Timer3 or
Timer5.
In internal oscillator modes (INTOSC_RUN and
INTOSC_IDLE), the internal oscillator block provides
the device clock source. The 31.25 kHz LFINTOSC
output can be used directly to provide the clock and
may be enabled to support various special features,
regardless of the power-managed mode (see
Section 24.2
“Watchdog
Timer
(WDT)”,
Section 2.10 “Two-Speed Clock Start-up Mode” and
Section 2.11 “Fail-Safe Clock Monitor” for more
information on WDT, Fail-Safe Clock Monitor and Two-
Speed Start-up). The HFINTOSC and MFINTOSC
outputs may be used directly to clock the device or may
be divided down by the postscaler. The HFINTOSC
and MFINTOSC outputs are disabled when the clock is
provided directly from the LFINTOSC output.
When the Sleep mode is selected, all clock sources are
stopped. Since all the transistor switching currents
have been stopped, Sleep mode achieves the lowest
current consumption of the device (only leakage
currents).
Enabling any on-chip feature that will operate during
Sleep will increase the current consumed during Sleep.
The LFINTOSC is required to support WDT operation.
Other features may be operating that do not require a
device clock source (i.e., SSP slave, PSP, INTn pins
and others). Peripherals that may add significant
current consumption are listed in Section 27.8 “DC
Characteristics:
Input/Output
Characteristics,
PIC18(L)F2X/4XK22”.
2.8
Power-up Delays
Power-up delays are controlled by two timers, so that
no external Reset circuitry is required for most
applications. The delays ensure that the device is kept
in Reset until the device power supply is stable under
normal circumstances and the primary clock is
operating and stable. For additional information on
power-up delays, see Section 4.5 “Device Reset
Timers”.
The first timer is the Power-up Timer (PWRT), which
provides a fixed delay on power-up. It is enabled by
clearing (= 0) the PWRTEN Configuration bit.
The second timer is the Oscillator Start-up Timer
(OST), intended to keep the chip in Reset until the
crystal oscillator is stable (LP, XT and HS modes). The
OST does this by counting 1024 oscillator cycles
before allowing the oscillator to clock the device.
When the PLL is enabled with external oscillator
modes, the device is kept in Reset for an additional
2 ms, following the OST delay, so the PLL can lock to
the incoming clock frequency.
There is a delay of interval TCSD, following POR, while
the controller becomes ready to execute instructions.
This delay runs concurrently with any other delays.
This may be the only delay that occurs when any of the
EC, RC or INTIOSC modes are used as the primary
clock source.
When the HFINTOSC is selected as the primary clock,
the main system clock can be delayed until the
HFINTOSC is stable. This is user selectable by the
HFOFST bit of the CONFIG3H Configuration register.
When the HFOFST bit is cleared, the main system
clock is delayed until the HFINTOSC is stable. When
the HFOFST bit is set, the main system clock starts
immediately.
In either case, the HFIOFS bit of the OSCCON register
can be read to determine whether the HFINTOSC is
operating and stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com