Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/SO Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC18F23K22-E/SO
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SO Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC18F23K22-E/SO Datasheet HTML 12Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 13Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 14Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 15Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 16Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 17Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 18Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 19Page - Microchip Technology PIC18F23K22-E/SO Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 16
Preliminary
 2010 Microchip Technology Inc.
FIGURE 1-1:
PIC18(L)F2X/4XK22 FAMILY BLOCK DIAGRAM
Instruction
Decode and
Control
Data Latch
Data Memory
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31-Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PCLATU
PCU
Note 1:
RE3 is only available when MCLR functionality is disabled.
2:
OSC1/CLKIN and OSC2/CLKOUT are only available in select oscillator modes and when these pins are not being used as digital I/O.
Refer to Section 2.0 “Oscillator Module (With Fail-Safe Clock Monitor)” for additional information.
3:
Full-Bridge operation for PIC18(L)F4XK22, Half-Bridge operation for PIC18(L)F2XK22.
EUSART1
Comparators
MSSP1
10-bit
ADC
Timer2
Timer1
CTMU
Timer0
CCP4
HLVD
ECCP1
BOR
Data
EEPROM
W
Instruction Bus <16>
STKPTR
Bank
8
State machine
control signals
Decode
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1(2)
OSC2(2)
Brown-out
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
MCLR(1)
Block
LFINTOSC
Oscillator
16 MHz
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
SOSCO
SOSCI
FVR
FVR
FVR
DAC
Address Latch
Program Memory
(8/16/32/64 Kbytes)
Data Latch
PORTA
RA0:RA7
PORTB
RB0:RB7
PORTC
RC0:RC7
PORTD
RD0:RD7
Timer4
Timer6
Timer3
Timer5
SR Latch
EUSART2
MSSP2
CCP5
ECCP2(3)
C1/C2
ECCP3
PORTE
RE0:RE2
RE3(1)
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com