Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 14Page - Intersil Corporation ISL97635 Datasheet HTML 15Page - Intersil Corporation ISL97635 Datasheet HTML 16Page - Intersil Corporation ISL97635 Datasheet HTML 17Page - Intersil Corporation ISL97635 Datasheet HTML 18Page - Intersil Corporation ISL97635 Datasheet HTML 19Page - Intersil Corporation ISL97635 Datasheet HTML 20Page - Intersil Corporation ISL97635 Datasheet HTML 21Page - Intersil Corporation ISL97635 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
FN6434.2
December 22, 2008
Write Byte
The Write Byte protocol is only three bytes long. The first byte
starts with the slave address followed by the “command code,”
which translates to the “register index” being written. The third
byte contains the data byte that must be written into the register
selected by the “command code”. A shaded label is used on
cycles during which the slaved backlight controller “owns” or
“drives” the Data line. All other cycles are driven by the “host
master.”
Read Byte
As shown in the Figure 21, the four byte long Read Byte
protocol starts out with the slave address followed by the
“command code” which translates to the “register index.”
Subsequently, the bus direction turns around with the
re-broadcast of the slave address with bit 0 indicating a read
(“R”) cycle. The fourth byte contains the data being returned
by the backlight controller. That byte value in the data byte
reflects the value of the register being queried at the
“command code” index. Note the bus directions, which are
highlighted by the shaded label that is used on cycles during
which the slaved backlight controller “owns” or “drives” the
Data line. All other cycles are driven by the “host master.”
Slave Device Address
The slave address contains 7 MSB plus one LSB as R/W bit,
but these 8 bits are usually called Slave Aaddress bytes. As
shown in Figure 22, the high nibble of the Slave Address byte is
0x5 or 0101b to denote the “backlight controller class.” Bit 3 in
the lower nibble of the Slave Address byte is 1. Bit 0 is always
the R/W bit, as specified by the SMBus protocol. Note: In this
document, the device address will always be expressed as a
full 8-bit address instead of the shorter 7-bit address typically
used in other backlight controller specifications to avoid
confusion. Therefore, if the device is in the write mode where bit
0 is 0, the slave address byte is 0x58 or 01011000b. If the
device is in the read mode where bit 0 is 1, the slave address
byte is 0x59 or 01011001b.
The backlight controller may sense the state of the pins at POR
or during normal operation—the pins will not change state while
the device is in operation.
SMBus Register Definitions
The backlight controller registers are Byte wide and
accessible via the SMBus Read/Write Byte protocols. Their
bit assignments are provided in the following sections with
reserved bits containing a default value of “0”.
FIGURE 22. SLAVE ADDRESS BYTE DEFINITION
DEVICE
IDENTIFIER
DEVICE
ADDRESS
MSB
LSB
0
101100
R/W
TABLE 2A. REGISTER LISTING
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DEFAULT
VALUE
SMBUS
PROTOCOL
0x00
PWM
Brightness
Control Register
BRT7
BRT6
BRT5
BRT4
BRT3
BRT2
BRT1
BRT0
0xFF
Read and Write
0x01
Device Control
Register
Reserved
Reserved
Reserved
Reserved
Reserved
PWM_MD
PWM_SEL
BL_CTL
0x00
Read and Write
0x02
Fault/Status
Register
Reserved
Reserved
2_CH_SD
1_CH_SD
BL_STAT
OV_CURR
THRM_SHDN
FAULT
0x00
Read Only
0x03
Identification
Register
LED
PANEL
MFG3
MFG2
MFG1
MFG0
REV2
REV1
REV0
0xC8
Read Only
0x07
DC Brightness
Control Register
BRTDC7
BRTDC6
BRTDC5
BRTDC4
BRTDC3
BRTDC2
BRTDC1
BRTDC0
0xFF
Read and Write
0x08
Configuration
Register
Reserved
Reserved
Reserved
Reserved
Reserved
FSW
VSC1
VSC0
0xXF
Read and Write
0x09
Output Channel
Register
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
0xFF
Read and Write
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com