Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635 Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 15Page - Intersil Corporation ISL97635 Datasheet HTML 16Page - Intersil Corporation ISL97635 Datasheet HTML 17Page - Intersil Corporation ISL97635 Datasheet HTML 18Page - Intersil Corporation ISL97635 Datasheet HTML 19Page - Intersil Corporation ISL97635 Datasheet HTML 20Page - Intersil Corporation ISL97635 Datasheet HTML 21Page - Intersil Corporation ISL97635 Datasheet HTML 22Page - Intersil Corporation ISL97635 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
FN6434.2
December 22, 2008
PWM Brightness Control Register (0x00)
The Brightness control resolution has 256 steps of PWM duty
cycle adjustment. The bit assignment is shown in Figure 23. All
of the bits in this Brightness Control Register can be read or
write. Step 0 corresponds to the minimum step where the
current is less than 10µA. Steps 1 to 255 represent the linear
steps between 0.39% and 100% duty cycle with approximately
0.39% duty cycle adjustment per step.
• An SMBus Write Byte cycle to Register 0x00 sets the
PWM brightness level only if the backlight controller is in
SMBus mode (see Table 3 Operating Modes selected by
Device Control Register Bits 1 and 2).
• An SMBus Read Byte cycle to Register 0x00 returns the
programmed PWM brightness level, regardless of the
value of PWM_SEL.
• An SMBus setting of 0xFF for Register 0x00 sets the
backlight controller to the maximum brightness.
• An SMBus setting of 0x00 for Register 0x00 sets the
backlight controller to the minimum brightness output in
which the LED current is guaranteed to be less than 10µA.
• Default value for Register 0x00 is 0xFF.
Device Control Register (0x01)
This register has 2 bits that control the operating mode of the
backlight controller and a single bit that controls the BL
ON/OFF state. The remaining bits are reserved. The bit
assignment is shown in Figure 24. All other bits in the Device
Control Register will read as low unless otherwise written.
Bits 7 and 6 are not implemented and will always read low.
TABLE 2B. DATA BIT DESCRIPTIONS
ADDRESS
REGISTER
DATA BIT DESCRIPTIONS
0x00
PWM Brightness Control Register BRT[7..0] = 256 steps of DPWM duty cycle brightness control
0x01
Device Control Register
PWM_MD = PWM mode select bit (1 = absolute brightness, 0 = % change), default = 0
PWM_SEL = Brightness control select bit (1 = control by PWMI, 0 = control by SMBus), default = 0
BL_CTL = BL On/Off (1 = On, 0 = Off), default = 0
0x02
Fault/Status Register
2_CH_SD = Two LED output channels are shutdown (1 = shutdown, 0 = OK)
1_CH_SD = One LED output channel is shutdown (1 = shutdown, 0 = OK)
BL_STAT = BL status (1 = BL On, 0 = BL Off)
OV_CURR = Input overcurrent (1 = Overcurrent condition, 0 = Current OK)
THRM_SHDN = Thermal Shutdown (1 = Thermal fault, 0 = Thermal OK)
FAULT = Fault occurred (Logic “OR” of all of the fault conditions)
0x03
Identification Register
MFG[3..0] = Manufacturer ID (16 vendors available. Intersil is vendor ID 9)
REV[2..0] = Silicon rev (Rev 0 through Rev 7 allowed for silicon spins)
0x07
DC Brightness Control Register
BRTDC[7..0] = 256 steps of DC brightness control
0x08
Configuration Register
VSC[1..0] = Short circuit thresholds selection
FSW[2] = Switching frequencies selection
0x09
Output Channel Mask/Fault
Readout Register
CH[5..0] = Output Channel Read and Write. In Write, 1 = Channel Enabled, 0 = Channel Disabled.
In Read, 1 = Channel OK, 0 = Channel Not OK/Channel disabled
PWM_MD PWM_SEL
MODE
X
1
PWMI Mode
1
0
SMBus Mode
0
0
SMBus and PWMI mode with DPST
VSC1
VSC0
OPERATION
0
X
No VSC error detection
1
0
VSC = 3.1V ±15%
1
1
VSC = 8V ±15%
fSW
OPERATION
0fSW = 600kHz
1fSW = 1.2MHz
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com