Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPCS4 Datasheet(PDF) 18 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
3–18
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Serial Configuration Device Memory Access
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
You can read the status register at any time, even while a write or erase cycle is in
progress. When one of these cycles is in progress, you can check the write in progress
bit (bit 0 of the status register) before sending a new operation to the device. The
device can also read the status register continuously, as shown in Figure 3–9.
11
0
All sectors (32 sectors: 0 to 31)
None
11
1
All sectors (32 sectors: 0 to 31)
None
Table 3–12. Block Protection Bits in EPCS64
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protected Area
Unprotected Area
000
None
All sectors (128 sectors: 0 to 127)
001
Upper 64th (2 sectors: 126 and 127)
Lower 63/64ths (126 sectors: 0 to 125)
010
Upper 32nd (4 sectors: 124 to 127)
Lower 31/32nds (124 sectors: 0 to 123)
011
Upper sixteenth (8 sectors: 120 to 127)
Lower 15/16ths (120 sectors: 0 to 119)
100
Upper eighth (16 sectors: 112 to 127)
Lower seven-eighths (112 sectors: 0 to 111)
101
Upper quarter (32 sectors: 96 to 127)
Lower three-quarters (96 sectors: 0 to 95)
110
Upper half (64 sectors: 64 to 127)
Lower half (64 sectors: 0 to 63)
111
All sectors (128 sectors: 0 to 127)
None
Table 3–11. Block Protection Bits in EPCS16 (Part 2 of 2)
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protected Area
Unprotected Area
Table 3–13. Block Protection Bits in EPCS128
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protected Area
Unprotected Area
000
None
All sectors (64 sectors: 0 to 63)
001
Upper 64th (1 sector: 63)
Lower 63/64ths (63 sectors: 0 to 62)
010
Upper 32nd (2 sectors: 62 to 63)
Lower 31/32nds (62 sectors: 0 to 61)
011
Upper 16th (4 sectors: 60 to 63)
Lower 15/16ths (60 sectors: 0 to 59)
100
Upper 8th (8 sectors: 56 to 63)
Lower seven-eighths (56 sectors: 0 to 55)
101
Upper quarter (16 sectors: 48 to 63)
Lower three-quarters (48 sectors: 0 to 47)
110
Upper half (32 sectors: 32 to 63)
Lower half (32 sectors: 0 to 31)
111
All sectors (64 sectors: 0 to 63)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com