Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPCS4 Datasheet(PDF) 27 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–27
Timing Information
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Timing Information
Figure 3–18 shows the timing waveform for write operation to the serial configuration
device.
Table 3–16 defines the serial configuration device timing parameters for write
operation.
Figure 3–18. Write Operation Timing
nCS
DCLK
ASDI
DATA
tNCSH
tDSU
tNCSSU
tCH
tCL
tCSH
tDH
Bit n
Bit 0
Bit n
1
High Impedance
Table 3–16. Write Operation Parameters
Symbol
Parameter
Min
Typ
Max
Unit
fWCLK
Write clock frequency (from FPGA, download cable, or
embedded processor) for write enable, write disable,
read status, read silicon ID, write bytes, erase bulk, and
erase sector operations
——25
MHz
tCH
DCLK
high time
20
—
—
ns
tCL
DCLK
low time
20
—
—
ns
tNCSSU
Chip select (nCS) setup time
10
—
—
ns
tNCSH
Chip select (nCS) hold time
10
—
—
ns
tDSU
Data (ASDI) in setup time before rising edge on DCLK
5—
—
ns
tDH
Data (ASDI) hold time after rising edge on DCLK
5—
—
ns
tCSH
Chip select high time
100
—
—
ns
tWB (1)
Write bytes cycle time for EPCS1, EPCS4, EPCS16, and
EPCS64
—1.5
5
ms
Write bytes cycle time for EPCS128
—
2.5
7
ms
tWS (1)
Write status cycle time
—
5
15
ms
tEB (1)
Erase bulk cycle time for EPCS1
—
3
6
s
Erase bulk cycle time for EPCS4
—
5
10
s
Erase bulk cycle time for EPCS16
—
17
40
s
Erase bulk cycle time for EPCS64
—
68
160
s
Erase bulk cycle time for EPCS128
—
105
250
s
tES (1)
Erase sector cycle time for EPCS1, EPCS4, EPCS16,
and EPCS64
—2
3
s
Erase sector cycle time for EPCS128
—
2
6
s
Note to Table 3–16:
(1) These parameters are not shown in Figure 3–18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com