Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 202Page - Microchip Technology PIC24FJ64GA Datasheet HTML 203Page - Microchip Technology PIC24FJ64GA Datasheet HTML 204Page - Microchip Technology PIC24FJ64GA Datasheet HTML 205Page - Microchip Technology PIC24FJ64GA Datasheet HTML 206Page - Microchip Technology PIC24FJ64GA Datasheet HTML 207Page - Microchip Technology PIC24FJ64GA Datasheet HTML 208Page - Microchip Technology PIC24FJ64GA Datasheet HTML 209Page - Microchip Technology PIC24FJ64GA Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 204
Preliminary
© 2008 Microchip Technology Inc.
23.2
On-Chip Voltage Regulator
All of the PIC24FJ64GA004 family of devices power
their core digital logic at a nominal 2.5V. This may
create an issue for designs that are required to operate
at a higher typical voltage, such as 3.3V. To simplify
system design, all devices in the PIC24FJ64GA004
family incorporate an on-chip regulator that allows the
device to run its core logic from VDD.
The regulator is controlled by the DISVREG pin. Tying
VSS to the pin enables the regulator, which in turn, pro-
vides power to the core from the other VDD pins. When
the regulator is enabled, a low-ESR capacitor (such as
ceramic) must be connected to the VDDCORE/VCAP pin
(Figure 23-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capacitor
is provided in Section 26.1 “DC Characteristics”.
If DISVREG is tied to VDD, the regulator is disabled. In
this case, separate power for the core logic at a nomi-
nal 2.5V must be supplied to the device on the
VDDCORE/VCAP pin to run the I/O pins at higher voltage
levels, typically 3.3V. Alternatively, the VDDCORE/VCAP
and VDD pins can be tied together to operate at a lower
nominal voltage. Refer to Figure 23-1 for possible
configurations.
23.2.1
VOLTAGE REGULATOR TRACKING
MODE AND LOW-VOLTAGE
DETECTION
When it is enabled, the on-chip regulator provides a
constant voltage of 2.5V nominal to the digital core
logic.
The regulator can provide this level from a VDD of about
2.5V, all the way up to the device’s VDDMAX. It does not
have the capability to boost VDD levels below 2.5V. In
order to prevent “brown out” conditions when the volt-
age drops too low for the regulator, the regulator enters
Tracking mode. In Tracking mode, the regulator output
follows VDD, with a typical voltage drop of 100 mV.
When the device enters Tracking mode, it is no longer
possible to operate at full speed. To provide information
about when the device enters Tracking mode, the
on-chip regulator includes a simple, Low-Voltage
Detect circuit. When VDD drops below full-speed oper-
ating voltage, the circuit sets the Low-Voltage Detect
Interrupt Flag, LVDIF (IFS4<8>). This can be used to
generate an interrupt and put the application into a
low-power operational mode, or trigger an orderly
shutdown.
Low-Voltage Detection is only available when the
regulator is enabled.
FIGURE 23-1:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
23.2.2
ON-CHIP REGULATOR AND POR
When the voltage regulator is enabled, it takes approxi-
mately 20
μs for it to generate output. During this time,
designated as TSTARTUP, code execution is disabled.
TSTARTUP is applied every time the device resumes
operation after any power-down, including Sleep mode.
If the regulator is disabled, a separate Power-up Timer
(PWRT) is automatically enabled. The PWRT adds a
fixed delay of 64 ms nominal delay at device start-up.
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
3.3V(1)
2.5V(1)
Regulator Disabled (DISVREG tied to VDD):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
CEFC
3.3V
(10
μF typ)
Regulator Enabled (DISVREG tied to VSS):
Note 1:
These are typical operating voltages. Refer
to Section 26.1 “DC Characteristics” for
the full operating ranges of VDD and
VDDCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com