Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 204Page - Microchip Technology PIC24FJ64GA Datasheet HTML 205Page - Microchip Technology PIC24FJ64GA Datasheet HTML 206Page - Microchip Technology PIC24FJ64GA Datasheet HTML 207Page - Microchip Technology PIC24FJ64GA Datasheet HTML 208Page - Microchip Technology PIC24FJ64GA Datasheet HTML 209Page - Microchip Technology PIC24FJ64GA Datasheet HTML 210Page - Microchip Technology PIC24FJ64GA Datasheet HTML 211Page - Microchip Technology PIC24FJ64GA Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 206
Preliminary
© 2008 Microchip Technology Inc.
23.3.1
WINDOWED OPERATION
The Watchdog Timer has an optional Fixed Window
mode of operation. In this Windowed mode, CLRWDT
instructions can only reset the WDT during the last 1/4
of the programmed WDT period. A CLRWDT instruction
executed before that window causes a WDT Reset,
similar to a WDT time-out.
Windowed WDT mode is enabled by programming the
WINDIS Configuration bit (CW1<6>) to ‘0’.
23.3.2
CONTROL REGISTER
The WDT is enabled or disabled by the FWDTEN
Configuration bit. When the FWDTEN Configuration bit
is set, the WDT is always enabled.
The WDT can be optionally controlled in software when
the FWDTEN Configuration bit has been programmed
to ‘0’. The WDT is enabled in software by setting the
SWDTEN control bit (RCON<5>). The SWDTEN
control bit is cleared on any device Reset. The software
WDT option allows the user to enable the WDT for
critical code segments and disable the WDT during
non-critical segments for maximum power savings.
FIGURE 23-2:
WDT BLOCK DIAGRAM
23.4
JTAG Interface
PIC24FJ64GA004 family devices implement a JTAG
interface, which supports boundary scan device testing
as well as in-circuit programming.
23.5
Program Verification and
Code Protection
For all devices in the PIC24FJ64GA004 family of
devices, the on-chip program memory space is treated
as a single block. Code protection for this block is
controlled by one Configuration bit, GCP. This bit
inhibits external reads and writes to the program
memory space. It has no direct effect in normal
execution mode.
Write protection is controlled by the GWRP bit in the
Configuration Word. When GWRP is programmed to
‘0’, internal write and erase operations to program
memory are blocked.
23.5.1
CONFIGURATION REGISTER
PROTECTION
The Configuration registers are protected against
inadvertent or unwanted changes or reads in two ways.
The primary protection method is the same as that of
the RP registers – shadow registers contain a compli-
mentary value which is constantly compared with the
actual value.
To safeguard against unpredictable events, Configura-
tion bit changes resulting from individual cell level
disruptions (such as ESD events) will cause a parity
error and trigger a device Reset.
The data for the Configuration registers is derived from
the Flash Configuration Words in program memory.
When the GCP bit is set, the source data for device
configuration is also protected as a consequence.
LPRC Input
WDT Overflow
Wake from Sleep
31 kHz
Prescaler
Postscaler
FWPSA
SWDTEN
FWDTEN
Reset
All Device Resets
Sleep or Idle Mode
LPRC Control
CLRWDT Instr.
PWRSAV Instr.
(5-bit/7-bit)
1:1 to 1:32.768
WDTPS3:WDTPS0
1 ms/4 ms
Exit Sleep or
Idle Mode
WDT
Counter
Transition to
New Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com