Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G1B3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST72101G1B3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1B3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST72101G1B3 Datasheet HTML 71Page - STMicroelectronics ST72101G1B3 Datasheet HTML 72Page - STMicroelectronics ST72101G1B3 Datasheet HTML 73Page - STMicroelectronics ST72101G1B3 Datasheet HTML 74Page - STMicroelectronics ST72101G1B3 Datasheet HTML 75Page - STMicroelectronics ST72101G1B3 Datasheet HTML 76Page - STMicroelectronics ST72101G1B3 Datasheet HTML 77Page - STMicroelectronics ST72101G1B3 Datasheet HTML 78Page - STMicroelectronics ST72101G1B3 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
75/85
ST72101/ST72212/ST72213
7.4 RESET CHARACTERISTICS
(TA=-40...+125
oC and V
DD=5V±10% unless otherwise specified.
Note:
1) These values given only as design guidelines and are not tested.
7.5 OSCILLATOR CHARACTERISTICS
(TA = -40°C to +125°C unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
RON
Reset Weak Pull-up RON
VIN > VIH
VIN < VIL
20
60
40
120
80
240
k
Ω
tRESET
Pulse duration generated by watch-
dog and POR reset
1
µs
tPULSE
Minimum pulse duration to be ap-
plied on external RESET pin
10 1)
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
gm
Oscillator transconductance
2
9
mA/V
fOSC
Crystal frequency
1
16
MHz
tSTART
Osc. start up time
VDD = 5V±10%
50
ms
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com