Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G1B3 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST72101G1B3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1B3 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST72101G1B3 Datasheet HTML 77Page - STMicroelectronics ST72101G1B3 Datasheet HTML 78Page - STMicroelectronics ST72101G1B3 Datasheet HTML 79Page - STMicroelectronics ST72101G1B3 Datasheet HTML 80Page - STMicroelectronics ST72101G1B3 Datasheet HTML 81Page - STMicroelectronics ST72101G1B3 Datasheet HTML 82Page - STMicroelectronics ST72101G1B3 Datasheet HTML 83Page - STMicroelectronics ST72101G1B3 Datasheet HTML 84Page - STMicroelectronics ST72101G1B3 Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
85/85
ST72101/ST72212/ST72213
9 SUMMARY OF CHANGES
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
©2001 STMicroelectronics - All Rights Reserved.
Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an
I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
STMicroelectronics Group of Companies
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain
Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Change Description (Rev. 1.5 to 1.6)
Page
Added new External Connections section
9
Removed RP external resistor
16
Changed ORed to ANDed in External interrupts paragraph, to read “If several input pins, con-
nected to the same interrupt vector, are configured as interrupts, their signals are logically AN-
Ded before entering the edge/level detection block”.
18 and 24
Added note ”Any modification of one of these two bits resets the interrupt request related to
this interrupt vector.”
23
Added clamping diodes to I/O pin figure and table
26
Added sections on low power modes and interrupts to peripheral descriptions
31,43,58,63
Changed 16-bit Timer Chapter
32 to 48
Added details to description of FOLV1 and FOLV2 bits
44
Added ADC recommended external connections
63
Added Reset characteristics section
74
Added figure to ADC electrical characteristics section
75
Change Description (Rev. 1.6 to 1.7)
SPR2 bit reinstated in SPI chapter
49 to 61
Change Description (Rev. 1.7 to 1.8) of 31 May 2001
SPI frequency changed from fCPU/2 to fCPU/4 in Table 17.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com