Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G1B3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST72101G1B3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1B3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST72101G1B3 Datasheet HTML 72Page - STMicroelectronics ST72101G1B3 Datasheet HTML 73Page - STMicroelectronics ST72101G1B3 Datasheet HTML 74Page - STMicroelectronics ST72101G1B3 Datasheet HTML 75Page - STMicroelectronics ST72101G1B3 Datasheet HTML 76Page - STMicroelectronics ST72101G1B3 Datasheet HTML 77Page - STMicroelectronics ST72101G1B3 Datasheet HTML 78Page - STMicroelectronics ST72101G1B3 Datasheet HTML 79Page - STMicroelectronics ST72101G1B3 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
76/85
ST72101/ST72212/ST72213
7.6 A/D CONVERTER CHARACTERISTICS (ST72212 and ST72213 only)
(TA = -40°C to +125°C and VDD = 5V±10% unless otherwise specified )
*Note:
ADC Accuracy vs. Negative Injection Current:
For Iinj-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is
a loss of 1 LSB by 10K
Ω increase of the external analog source impedance.
These measurement results and recommendations take worst case injection conditions into account:
- negative injection
- injection to an Input with analog capability, adjacent to the enabled Analog Input
- at 5V VDD supply, and worst case temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TSAMPLE
Sample Duration
31.5
1/fCPU
Res
ADC Resolution
fCPU=8MHz
VDD=VDDA=5V
8
bit
DLE
Differential Linearity Error*
±0.6
±1
ILE
Integral Linearity Error*
±2
VAIN
Analog Input Voltage
VSSA
VDDA
V
IADC
Supply current rise
during A/D conversion
fCPU=8MHz
VDD=VDDA=5V
1mA
tSTAB
Stabilization time after ADC enable
30
µs
tCONV
Conversion Time
8
64
µs
1/fCPU
RAIN
Resistance of analog sources
(VAIN)
fCPU=8MHz, T=25°C,
VDD=VDDA=5V
15
ΚΩ
CHOLD
Hold Capacitance
22
pF
RSS
Resistance of sampling switch and
internal trace
2
ΚΩ
Px.x/AINx
RAIN
VAIN
Cpin
5pF
VDD
VT = 0.6V
leakage max.
VT = 0.6V
Cpin
VT
leakage
Chold
SS
Sampling
Switch
SS
RSS
at the pin due
to various junctions
Chold
22 pF
capacitance
= input capacitance
= threshold voltage
= sampling switch
= sample/hold
±1µA
VSS
= leakage current
2
ΚΩ
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com