Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59-70PC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T59-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T59-70PC1 Datasheet HTML 1Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 2Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 3Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 4Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 5Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 6Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 7Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 8Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
April 2008
Rev 7
1/32
1
M48T59
M48T59Y, M48T59V
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER® SRAM
Features
■ Integrated ultra low power SRAM, real-time
clock, power-fail control circuit, and battery
■ Frequency test output for real-time clock
software calibration
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
(VPFD = Power-fail deselect voltage):
–M48T59: VCC = 4.75 to 5.5 V
4.5 V
≤ VPFD ≤ 4.75 V
–M48T59Y: VCC = 4.5 to 5.5 V
4.2 V
≤ VPFD ≤ 4.5 V
–M48T59V(a): VCC = 3.0 to 3.6 V
2.7 V
≤ VPFD ≤ 3.0 V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a
SNAPHAT top which contains the battery and
crystal
■ Microprocessor power-on reset (valid even
during battery back-up mode)
■ Programmable alarm output active in the
battery back-up mode
■ Battery low flag
■ RoHS compliant
– Lead-free second level interconnect
a.
Contact local ST sales office for availability of 3.3 V
version.
28
1
28
1
PCDIP28 (PC)
battery/crystal
CAPHAT
SNAPHAT (SH)
battery/crystal
SOH28 (MH)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M48T59-70PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T59-70PC1 STMICROELECTRONICS-M48T59-70PC1 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48T59-70PC1TR STMICROELECTRONICS-M48T59-70PC1TR Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
More results

Similar Description - M48T59-70PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2010 Rev 10
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 11
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
June 2011 Rev 9
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com