Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59-70PC1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T59-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T59-70PC1 Datasheet HTML 12Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 17Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 18Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 19Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Clock operations
M48T59, M48T59Y, M48T59V
16/32
alarm condition activates the IRQ/FT pin. To disable the alarm, write '0' to the Alarm Date
Register and RPT1-4. The Alarm Flag and the IRQ/FT output are cleared by a READ to the
Flags Register as shown in Figure 10 on page 16. A subsequent READ of the Flags
Register is necessary to see that the value of the Alarm Flag has been reset to '0.'
The IRQ/FT pin can also be activated in the battery back-up mode. The IRQ/FT will go low if
an alarm occurs and both the ABE (Alarm in Battery Back-up Mode Enable) and the AFE
are set. The ABE and AFE bits are reset during power-up, therefore an alarm generated
during power-up will only set AF. The user can read the Flag Register at system boot-up to
determine if an alarm was generated while the M48T59/Y/V was in the deselect mode
during power-down. Figure 11 on page 17 illustrates the back-up mode alarm timing.
Figure 10.
Alarm interrupt reset waveform
Table 6.
Alarm repeat mode
RPT4
RPT3
RPT2
RPT1
Alarm activated
1
1
1
1
Once per second
1
1
1
0
Once per minute
1
1
0
0
Once per hour
1
0
0
0
Once per day
0
0
0
0
Once per month
AI01388B
15ns Min
A0-A12
ACTIVE FLAG BIT
IRQ/FT
ADDRESS 1FF0h
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com