Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59-70PC1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T59-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T59-70PC1 Datasheet HTML 11Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 12Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 17Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 18Page - STMicroelectronics M48T59-70PC1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Clock operations
15/32
Figure 8.
Crystal accuracy across temperature
Figure 9.
Clock calibration
3.5
Setting the alarm clock
Registers 1FF5h-1FF2h contain the alarm settings. The alarm can be configured to go off at
a prescribed time on a specific day of the month or repeat every month, day, hour, minute, or
second. It can also be programmed to go off while the M48T59/Y/V is in the battery back-up
mode of operation to serve as a system wake-up call.
Bits RPT1-RPT4 put the alarm in the repeat mode of operation. Table 6 on page 16 shows
the possible configurations. Codes not listed in the table default to the once per second
mode to quickly alert the user of an incorrect alarm setting.
Note:
User must transition address (or toggle chip enable) to see Flag Bit change.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT1-RPT4, AF (Alarm Flag) is set. If AFE (Alarm Flag Enable) is also set, the
AI00999
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= -0.038
(T - T
0)
2 ± 10%
F
ppm
C
2
T
0 = 25 °C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com