Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57018STR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD57018STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD57018STR-E Datasheet HTML 6Page - STMicroelectronics PD57018STR-E Datasheet HTML 7Page - STMicroelectronics PD57018STR-E Datasheet HTML 8Page - STMicroelectronics PD57018STR-E Datasheet HTML 9Page - STMicroelectronics PD57018STR-E Datasheet HTML 10Page - STMicroelectronics PD57018STR-E Datasheet HTML 11Page - STMicroelectronics PD57018STR-E Datasheet HTML 12Page - STMicroelectronics PD57018STR-E Datasheet HTML 13Page - STMicroelectronics PD57018STR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Test circuit
PD57018-E, PD57018S-E
10/25
Doc ID 12214 Rev 4
5
Test circuit
Figure 23.
Test circuit schematic
1. Dimensions at component symbols are reference for component placement.
2. Gap between group and transmission line = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] Typ.
3. Dimensions of input and output component from edge of transmission lines.
Note:
Table 8.
Test circuit component part list
Component
Description
C1,C4, C9
0.8 - 8.0 pF giga trim variable capacitor
C2
2.7 pF ATC 100B surface mount ceramic chip capacitor
C3, C10, C11, C15
47 pF ATC 100B surface mount ceramic chip capacitor
C5, C6, C7, C8
7.5 pF ATC 100B surface mount ceramic chip capacitor
C12
1000 pF ATC 700B surface mount ceramic chip capacitor
C13, C17
0.1 µF / 500 V surface mount ceramic chip capacitor
C14
10 µF / 50 V aluminum electrolytic radial lead capacitor
C16
100 pF ATC 100B surface mount ceramic chip capacitor
C18
220 µF / 63 V aluminum electrolytic radial lead capacitor
C19 (1)
4.3 pF ATC 100B surface mount ceramic chip capacitor
C19 (2)
2.7 pF ATC 100B surface mount ceramic chip capacitor
R1
430
Ω, 1/8 W surface mount chip resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com