Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57018STR-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # PD57018STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PD57018STR-E Datasheet HTML 14Page - STMicroelectronics PD57018STR-E Datasheet HTML 15Page - STMicroelectronics PD57018STR-E Datasheet HTML 16Page - STMicroelectronics PD57018STR-E Datasheet HTML 17Page - STMicroelectronics PD57018STR-E Datasheet HTML 18Page - STMicroelectronics PD57018STR-E Datasheet HTML 19Page - STMicroelectronics PD57018STR-E Datasheet HTML 20Page - STMicroelectronics PD57018STR-E Datasheet HTML 21Page - STMicroelectronics PD57018STR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Common source s-parameter
PD57018-E, PD57018S-E
18/25
Doc ID 12214 Rev 4
Table 14.
S-parameter for PD57018S-E (VDS = 28 V IDS = 1.2 A)
Freq
(MHz)
IS11I
S11 < Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.872
-113
37.35
113
0.018
25
0.511
-103
100
0.844
-143
20.42
92
0.020
5
0.503
-129
150
0.845
-154
13.60
81
0.020
-6
0.532
-137
200
0.854
-160
9.97
72
0.019
-13
0.571
-141
250
0.863
-163
7.71
64
0.017
-20
0.614
-144
300
0.873
-166
6.16
57
0.017
-26
0.655
-147
350
0.885
-168
5.05
51
0.015
-28
0.694
-149
400
0.895
-170
4.23
46
0.014
-31
0.727
-151
450
0.904
-171
3.58
41
0.012
-35
0.759
-153
500
0.912
-173
3.07
36
0.012
-35
0.783
-155
550
0.918
-174
2.66
32
0.011
-40
0.806
-157
600
0.924
-175
2.33
28
0.009
-40
0.827
-159
650
0.929
-177
2.05
25
0.008
-43
0.843
-161
700
0.933
-178
1.83
22
0.007
-39
0.857
-162
750
0.938
-179
1.64
19
0.006
-42
0.871
-164
800
0.940
-180
1.48
15
0.005
-35
0.882
-165
850
0.943
179
1.33
13
0.005
-27
0.891
-166
900
0.942
179
1.22
10
0.004
-38
0.898
-168
950
0.945
178
1.11
8
0.003
-11
0.906
-169
1000
0.948
177
1.02
5
0.002
10
0.911
-170
1050
0.948
176
0.95
3
0.003
24
0.918
-171
1100
0.950
175
0.89
1
0.004
31
0.920
-172
1150
0.949
174
0.82
-1
0.003
48
0.925
-173
1200
0.949
174
0.77
-3
0.004
63
0.929
-173
1250
0.947
173
0.72
-5
0.005
55
0.932
-174
1300
0.947
172
0.68
-7
0.005
65
0.936
-176
1350
0.948
171
0.64
-10
0.006
72
0.934
-176
1400
0.948
170
0.61
-12
0.006
71
0.937
-177
1450
0.947
170
0.57
-14
0.007
74
0.938
-178
1500
0.943
169
0.54
-16
0.007
88
0.937
-179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com